PART |
Description |
Maker |
AD7228ATQ3 AD7228AUQ AD7228 AD7228A AD7228ABR AD72 |
Octal, 8-Bit Voltage Out DAC OCTAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, CDIP24 LC2MOS Octal 8-Bit DAC LC2MOS八进位DAC LC2MOS Octal 8-Bit DAC Mount Packages LC2MOS Octal 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
WM2632IDT WM2632 WM2632CDT |
OCTAL 8-BIT, SERIAL INPUT DAC WITH INTERNAL REFERENCE Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence BOX 6.88X4.88X1.51 9V BLK 八进位,串行输入,电压输出DAC内部Rererence
|
WOLFSON[Wolfson Microelectronics plc]
|
AD7808BST AD7808BR AD7808BN AD7805BR |
High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDSO24 3.3 V to 5 V Quad/Octal 10-Bit DACs SERIAL INPUT LOADING, 1.5 us SETTLING TIME, 10-BIT DAC, PDIP24 +3.3V to +5V Quad/Octal 10-Bit DACs
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7390 AD7390AN AD7390AR AD7390AR-REEL7 AD7391AN A |
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs SERIAL INPUT LOADING, 70 us SETTLING TIME, 10-BIT DAC, PDSO8 3/ 5 Volt Serial-Input Micropower 12-Bit DAC SERIAL INPUT LOADING, 70 us SETTLING TIME, 12-BIT DAC, PDSO8 1.75 MM HEIGHT, SOIC-8 3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
LTC1658CS8TRPBF LTC1658CN8PBF LTC1658IN8PBF |
14-Bit Rail-to-Rail Micropower DAC; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 12 us SETTLING TIME, 14-BIT DAC, PDSO8 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 14-Bit Rail-to-Rail Micropower DAC; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD8803ARZ AD8801ARZ-REEL |
Octal 8-Bit TrimDAC with Power Shutdown & Mid-Scale Preset OCTAL, SERIAL INPUT LOADING, 0.6 us SETTLING TIME, 8-BIT DAC, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC1669IMS8TRPBF |
10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO8
|
Linear Technology, Corp.
|
LTC1664IGN LTC1664 LTC1664C LTC1664CGN LTC1664IN L |
Micropower Quad 10-Bit DAC
|
LINER[Linear Technology]
|
LTC16641 |
Micropower Quad 10-Bit DAC
|
Linear Technology
|
AD5678BRUZ-1 AD5678BRUZ-1REEL7 AD5678BRUZ-2 AD5678 |
4 】 12-Bit and 4 】 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
|
AD[Analog Devices]
|
AD5678ARUZ-2REEL7 AD5678BRUZ-2REEL7 AD5678BRUZ-1RE |
4 × 12-Bit and 4 × 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
|
Analog Devices
|
5962-8866302LX 5962-88663023X 5962-88663013X |
Octal 8-Bit Voltage Out DAC
|
Analog Devices
|